Part Number Hot Search : 
CY2081 400002 M8562BIN MMBTA06 3R3SKF BTS452 STH80N05 TA8891N
Product Description
Full Text Search
 

To Download SR305 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR302 THRU SR310
3.0 AMPS. Schottky Barrier Rectifiers
Voltage Range 20 to 100 Volts Current 3.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
DO-201AD
Mechanical Data
Cases: DO-201AD molded plastic Epoxy: UL 94V-O rate flame retardant Lead: Axial leads, solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260OC/10 seconds/.375",(9.5mm) lead lengths at 5 lbs., (2.3kg) tension Weight: 1.1 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SR SR Type Number 302 303 Maximum Recurrent Peak Reverse Voltage 20 30 VRRM Maximum RMS Voltage 14 21 VRMS Maximum DC Blocking Voltage 20 30 VDC
Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @3.0A Maximum D.C. Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=100 Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2)
SR 304 40 28 40
SR 305 50 35 50 3.0
SR 306 60 42 60
SR 309 90 63 90
SR 310 100 70 100
Units
V V V A
I(AV) IFSM VF IR
RJA RJC
80 0.55 0.5 30 50 15 0.70
150 0.85 0.6 20
A V mA mA /W pF
Cj 200 130 72 TJ -65 to +125 -65 to +150 Storage Temperature Range TSTG -65 to +150 Notes: 1. Mount on Cu-Pad Size 16mm x 16mm on P.C.B. 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Operating Junction Temperature Range
- 98 -
RATINGS AND CHARACTERISTIC CURVES (SR302 THUR SR310)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
4 50
FIG.2- TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT. (A)
AVERAGE FORWARD CURRENT. AMPERES
3
10 R3 5-S 30 SR 04 R3 2-S 30 SR
10
SR
302
-SR
304
2
306 -SR 305 SR
9SR 31 0
1.0
1
S
0 R3
0 0 25 50 75 100
o
Tj=25oC Pulse Width=300 s 1% Duty Cycle 0.1 .2 .3 .4 .5 .6 .7 .8 .9 1.0
125
150
175
LEAD TEMPERATURE. ( C)
FORWARD VOLTAGE. (V)
FIG.3- TYPICAL REVERSE CHARACTERISTICS
10 1000 600 400
FIG.4- TYPICAL JUNCTION CAPACITANCE
INSTANTANEOUS REVERSE CURRENT. (mA)
JUNCTION CAPACITANCE.(pF)
Tj=125 0C
200
SR 30 2-3 04
1.0
100 80 60 40 20
SR
30
5-3
06
SR
30
9-3
.10
10
Tj=75 0C
10
.1
.2
.4
1.0
2
4
10
20
40
100
REVERSE VOLTAGE. (V) .01 Tj=25 0C
FIG.5- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
150 SR302-304 SR305-310 .001 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%) 8.3ms Single Half Sine Wave JEDEC Method
PEAK FORWARD SURGE CURRENT AMPERES
120
90
SR30
9-SR3
10
60
30
SR30
2-SR3
06
0
1
2
4
6
8 10
20
40
60 80 100
NUMBER OF CYCLES AT 60Hz
- 99 -


▲Up To Search▲   

 
Price & Availability of SR305

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X